Part Number Hot Search : 
RF206 H3900 PCL245A2 2N6401 10018 MRF7P20 WM8150 NC7S32
Product Description
Full Text Search
 

To Download ADP3088ARM-REEL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES 1 MHz PWM Frequency Automatic PWM to Power Saving Mode at Light Load Fully Integrated 1 A Power Switch 3% Output Regulation Accuracy over Temperature, Line, and Load 100% Duty Cycle Operation Simple Compensation Output Voltage: 1.25 V to 10.5 V Small Inductor and MLC Capacitors Low Quiescent Current while Pulse Skipping Thermal Shutdown Fully Integrated Soft Start Cycle-by-Cycle Current Limit APPLICATIONS PDAs and Palmtop Computers Notebook Computers PCMCIA Cards Bus Products Portable Instruments
1 MHz, 750 mA Buck Regulator ADP3088
FUNCTIONAL BLOCK DIAGRAM
IN IN CURRENT SENSE PWM 1MHz AMP COMPARATOR SQ R SW DRV
PROTECTION LOGIC (ILIM, OT) ERROR AMP gm
RUN/STOP COMPARATORS
FB
COMP GND GND
ADP3088
+ REF 1.245V
SOFT START TIMER
GENERAL DESCRIPTION
The ADP3088 is a high frequency, nonsynchronous PWM stepdown dc-to-dc regulator with an integrated 1 A power switch in a space-saving MSOP-8 package. It provides high efficiency and excellent dynamic response and is very simple to use. The ADP3088's 1 MHz switching frequency allows for small, inexpensive external components, and the current mode control loop is simple to compensate and eases noise filtering. The device operates in PWM current mode under heavy loads and saves energy at lighter loads by switching automatically into power saving mode. Soft start is integrated completely on-chip, as is the cycle-by-cycle current limit. Capable of operating from 2.5 V to 11 V input, the ADP3088 is ideal for many applications, including portable, battery-powered applications where local point-of-use power regulation is required. Supporting output voltages down to 1.25 V, the ADP3088 is ideal for generating low voltage rails, providing the optimal solution in its class for delivering power efficiently, responsively, and simply with a minimal printed circuit board area. The device is specified over the industrial temperature range of -40C to +85C.
VIN 3.3V 10 F
ADP3088
IN 0.1 F IN GND COMP 4.7pF 220pF 20k SW DRV GND FB
3.3 H VOUT 1.8V 10.0k 1N5817 10 F 22.4k
Figure 1. Typical Application
REV. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 www.analog.com Fax: 781/326-8703 (c) 2004 Analog Devices, Inc. All rights reserved.
ADP3088-SPECIFICATIONS1 (V
Parameter SUPPLY Input Voltage Range Ground Current, Operating Symbol VIN IGND2 IQ ISD TSD fSW DPSM DMAX VHYST VIO3 ILIM
IN
= 3.3 V, TA = -40 C to +85 C, unless otherwise noted.)
Min 2.5 6 2.5 150 15 160 0.75 1 14 30 0.25 1.0 1.2 0.5 1.245 0.02 +1 60 20 480 1 0.90 250 340 0.7 Typ Max 11 Unit V mA mA mA mA C MHz % % mV V A mA V %/V nA mA mA mA/V A/V V ms mV A/ms
Conditions DRV = GND VIN = 10 V, IL = 500 mA, DRV = GND DRV = 2 V No Load VCOMP = 0 V
Quiescent Current, Operating Shutdown Thermal Shutdown Threshold OSCILLATOR Oscillator Frequency Minimum Sleep Duty Cycle Maximum Duty Cycle Wake-Up Hysteresis OUTPUT SWITCH Switch-On Voltage Current Limit Threshold Leakage Current ERROR AMPLIFIER Reference Voltage Accuracy Reference Voltage Line Regulation Feedback Input Bias Current Sink/Source Current Short Circuit Current Transconductance MODULATOR Transconductance Control Offset Voltage Soft Start Time Shutdown Threshold Voltage Slope Compensation
3.6 250 40
1.25
IL = 500 mA FB Voltage Drops below VREF IL = 500 mA, FB = GND, and DRV = GND VIN = 12 V 100 20
40 0.4 1.4
VREF IFB ICOMP ICOMP, SD gm, EA gm, MOD VPWM, OS tSS VCOMP, SD mSC
FB = COMP FB = COMP, VIN = 3 V to 12 V Soft Start Expired VCOMP = 0 V, Activating Shutdown FB = COMP VCOMP to IL
1.222
1.265
-50 35
+50 85 40
600 750
Effectively Summed to ISW
NOTES 1 All limits at temperature extremes are guaranteed via correlation using standard Statistical Quality Control (SQC). 2 For higher efficiency operation, tie the DRV pin to the output for I L < 250 mA and V IN > 3 V. 3 VIN - VSW includes voltage drop across internal current sensor. Specifications subject to change without notice.
-2-
REV. C
ADP3088
ABSOLUTE MAXIMUM RATINGS * PIN CONFIGURATION
Input Supply Voltage . . . . . . . . . . . . . . . . . . . -0.3 V to +12 V Voltage on Any Pin with Respect to GND . . . -0.3 V to +12 V (Voltage on Any Pin May Not Exceed VIN) Operating Ambient Temperature Range . . . . -40C to +85C Operating Junction Temperature . . . . . . . . . . . . . . . . . . 125C qJA (4-Layer Board) . . . . . . . . . . . . . . . . . . . . . . . . . . 116C/W qJA (2-Layer Board) . . . . . . . . . . . . . . . . . . . . . . . . . . 159C/W Storage Temperature Range . . . . . . . . . . . . -65C to +150C Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300C Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215C Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220C
*Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Only one absolute maximum rating may be applied at any one time.
IN 1 IN 2 GND
8 SW
ADP3088
TOP VIEW
7 DRV
3 (Not to Scale) 6 GND 5 FB
COMP 4
PIN FUNCTION DESCRIPTIONS
Pin No. 1, 2 3, 6 4
Mnemonic IN GND COMP
Function Power Supply Input. Both pins must be connected. Ground. Both pins must be connected. Feedback Loop Compensation and Shutdown Input. An open drain or collector used to pull the pin to ground will shut down the device. Feedback Voltage Sense Input. This pin senses the voltage via an external resistor divider. This pin provides a separate path for the drive current to be connected to ground. Switching Output.
ORDERING GUIDE
Model
Temperature Range
Package Option Branding
5
FB
ADP3088ARM-REEL -40C to +85C MSOP-8 P0A ADP3088ARM-REEL7 -40C to +85C MSOP-8 P0A 7 DRV
8
SW
CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the ADP3088 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.
REV. C
-3-
ADP3088-Typical Performance Characteristics
100 VOUT = 3.3V 200.00
STANDBY QUIESCENT CURRENT ( A)
90 80 70
180.00
EFFICIENCY (%)
VOUT = 2.5V 60 VOUT = 1.5V 50 40 30 20 10 0 0 100 200 300 400 500 LOAD CURRENT (mA) VIN = 5V, CIN = COUT = 10 F, L = 10 H TA = 25 C
160.00
140.00
120.00
100.00 -40
-15
10
35
60
85
TEMPERATURE ( C)
TPC 1. Efficiency vs. Load Current and Output Voltage
TPC 4. Standby Quiescent Current vs. Temperature
100 90 80 70
EFFICIENCY (%)
5.00 VOUT = 5V
60 50 40 30 20 TA = 25 C 10 0 0 100 200 300 VOUT = 1.5V VIN = 10V, CIN = COUT = 10 F, L = 10 H VOUT = 2.5V
VOUT = 3.3V
GROUND CURRENT (mA)
4.00
ILOAD = 500mA
3.00
VDRV = 2V
2.00
400
500
1.00 -40
-15
10
35
60
85
LOAD CURRENT (mA)
TEMPERATURE ( C)
TPC 2. Efficiency vs. Load Current and Output Voltage
TPC 5. Ground Current vs. Temperature
100
1.2438
IL = 500mA
QUIESCENT CURRENT (mA)
10
FEEDBACK VOLTAGE (V)
1.2433
1.2428
VOUT = 1.5V, CIN = COUT = 10 F, DRV = GND 1 TA = 25 C
1.2423
IL = 0mA
0 0 2 4 6 8 10 12 INPUT VOLTAGE (V)
1.2418 -40
-15
10
35
60
85
TEMPERATURE ( C)
TPC 3. Quiescent Current vs. Input Voltage
TPC 6. Feedback Voltage vs. Temperature
-4-
REV. C
ADP3088
1.515 20.00
SHUTDOWN SUPPLY CURRENT ( A)
500
18.00
OUTPUT VOLTAGE (V)
1.505
16.00
VIN = 5V, CIN = COUT = 10 F, L = 10 H TA = 25 C 1.495
14.00
12.00
1.485 0 100 200 300 400 OUTPUT CURRENT (mA)
10.00 -40
-15
10
35
60
85
TEMPERATURE ( C)
TPC 7. Load Regulation
TPC 10. Shutdown Supply Current vs. Temperature
1.10
0.300
0.280
1.05
SWITCH VOLTAGE (V)
FREQUENCY (MHz)
0.260
ILOAD = 500mA
1.00
0.240
0.95
0.220
0.90 -40
-15
10
35
60
85
0.200 -40
-15
10
35
60
85
TEMPERATURE ( C)
TEMPERATURE ( C)
TPC 8. Oscillator Frequency vs. Temperature
TPC 11. Switch-Sense Resistor Voltage vs. Temperature
1.000 1.20 TA = 25 C 0.900
SWITCH SATURATION VOLTAGE (V)
0.800 0.700 0.600 VIN = 12V 0.500 VIN = 5V 0.400 0.300 VIN = 3.3V 0.200 VIN = 2.5V 0.100
1.15
CURRENT LIMIT (A)
1.10
1.05
1.00 -40
0.00 -15 10 35 60 85 TEMPERATURE ( C)
0.25
0.50 OUTPUT CURRENT (A)
0.75
1.00
TPC 9. Current Limit vs. Temperature
TPC 12. Switch Saturation Voltage vs. Load Current and Input Voltage
REV. C
-5-
ADP3088
CH 1: INPUT VOLTAGE, 2V/DIV
CH 1: INPUT VOLTAGE, 10mv/DIV, AC-COUPLED
CH 2: OUTPUT VOLTAGE, 500mV/DIV
VIN = 5V, VOUT = 1.5V, LOAD CURRENT = 0mA, CIN = COUT = 10 F, L = 10 H TA= 25 C
VIN = 5V, VOUT = 1.5V, LOAD CURRENT = 500mA, CIN = COUT = 10 F, L = 10 H TA = 25 C
TPC 13. Start-Up Waveform
TPC 16. VOUT Ripple
CH 1: INPUT VOLTAGE, 2V/DIV
CH 2: OUTPUT VOLTAGE, 500mV/DIV
VIN = 5V, VOUT = 1.5V, LOAD CURRENT = 500mA, CIN = COUT = 10 F, L = 10 H TA = 25 C
TA = 25 C VIN = 5V, V OUT = 1.5V, LOAD CURRENT = 10mA, C IN = C OUT = 10 F, L = 10 H
TPC 14. Start-Up Waveform
TPC 17. Power-Saving Mode Waveforms*
CH 1: INPUT VOLTAGE, 2V/DIV
CH 2: OUTPUT VOLTAGE, 500mV/DIV
VIN = 2.5V, VOUT = 1.25V, LOAD CURRENT = 250mA, CIN = COUT = 10 F, L = 10 H, TA = 25 C
TA = 25 C
VIN = 5V, VOUT = 1.5V, LOAD CURRENT = 25mA, CIN = C OUT = 10 F, L = 10 H
TPC 15. Start-Up Waveform TPC 18. Steady-State Waveforms*
*NOTES FOR TPCs 17 AND 18 CH 1: Output Voltage, 20mV/DIV, AC-Coupled CH 2: Switch Node Voltage, 2V/DIV CH 3: Inductor Current, 100mA/DIV
-6-
REV. C
ADP3088
CH 1: LOAD CURRENT STEP, 167mA/DIV
CH 2: OUTPUT VOLTAGE, 100mV/DIV
VIN = 5V, V OUT = 1.5V, LOAD CURRENT = 100mA, TA = 25 C, CIN = C OUT = 10 F, L = 10 H
VIN = 5V, VOUT = 1.5V, LOAD CURRENT = 50mA TO 550mA TO 50mA, TA = 25 C, CIN = 10 F, COUT = 20 F, L = 10 H
TPC 19. Steady-State Waveforms*
TPC 22. Load Transient Response
CH 1: INPUT VOLTAGE, 2V/DIV
CH 1: LOAD CURRENT STEP, 167mA/DIV
CH 2: OUTPUT VOLTAGE, 20mV/DIV
CH 2: OUTPUT VOLTAGE, 100mV/DIV
VIN = 5V, VOUT = 1.5V, LOAD CURRENT = 50mA TO 550mA, TA = 25 C, CIN = 10 F, COUT = 20 F, L = 10 H
VIN = 3V TO 5V, VOUT = 1.5V, LOAD CURRENT = 500mA, TA = 25 C, CIN = 10 F, COUT = 10 F, L = 10 H
TPC 20. Load Transient Response
TPC 23. Line Transient Response
CH 1: LOAD CURRENT STEP, 167mA/DIV
CH 2: OUTPUT VOLTAGE, 100mV/DIV
VIN = 5V, VOUT = 1.5V, LOAD CURRENT = 550mA TO 50mA, CIN = COUT = 10 F, L = 10 H TA = 25 C
TPC 21. Load Transient Response
*NOTES FOR TPC 19 CH 1: Output Voltage, 20mV/DIV, AC-Coupled CH 2: Switch Node Voltage, 2V/DIV CH 3: Inductor Current, 100mA/DIV
REV. C
-7-
ADP3088
THEORY OF OPERATION
The ADP3088 is a fixed frequency buck switching regulator in an MSOP-8 package using an external Schottky rectifier. It features an integrated 1 A power switch and switches at 1 MHz. The ADP3088 uses PWM operation and incorporates soft start for controlled start-up sequence and overtemperature switch protection. The ADP3088 draws low current while running in power saving mode and even lower current in shutdown. The system shown in the Functional Block Diagram is configured for a 1.8 V output using a 10 mH inductor. At the beginning of a cycle, the 1 MHz oscillator enables an SR latch, enabling the internal 1 A power switch. The current sense amplifier and the protection logic block monitor the current flowing between the IN and SW pins. The switch is turned off when the current reaches a level determined by the protection logic block or PWM comparator, whichever is lower. The error amplifier measures the output voltage through an external resistor divider tied to the FB pin. This amplifier servos the switch current to regulate the FB pin voltage to 1.245 V. An internal regulator provides power to the control circuitry. The COMP pin can be used to shut down the ADP3088. When pulled low, it turns off the internal regulator, thus biasing down the chip, reducing the input current, and disconnecting the output from the input. Antisaturation circuitry is used to drive the switch to the edge of saturation. This allows the driver to quickly switch at 1 MHz and maintain good efficiency. For improved efficiency, the DRV pin may be connected to the output provided that the input voltage is at least 1 V greater than the output. If the output load increases, the error amplifier will detect a lower voltage on the FB pin via the resistor divider on the output and send a signal to the PWM comparator to increase the on time of the switch. This in effect increases the duty cycle and provides more current to drive the increased load during the transient event until a new operating point is established.
Reference
The current limit protection overrides the PWM comparator; if this occurs, then the switch pulse will be terminated and the soft start mode will be reset.
Current Sense Amplifier
The voltage on the internal current sense resistor is sensed and passed to the ramp input of the PWM comparator. This current sense signal is also passed to the current limit comparator for peak current limit shutdown. At the current limit, the soft start capacitor is reset and soft start is reinitiated. The current limit is nominally 1.2 A. Slope compensation is added to the ADP3088 to stabilize the loop. A generated ramped signal is summed with the current sense signal to provide slope compensation. Slope compensation is needed to close the inner loop so subharmonic oscillation is avoided. The ramp is reset with each clock cycle so that the ADP3088 is capable of true 100% duty cycle.
Run/Stop Comparators
This block creates the 1 MHz signal sent to the SR latch that is used for the switching frequency. It also takes the FB voltage and decides when to go into wake-up mode from power saving mode. The decision to induce the power saving mode is based on the duty ratio. During steady-state continuous operation, the duty ratio of a PWM buck regulator is simply a function of the input/output voltage ratio, with second-order effects including the voltage drop of the internal switch and the external diode. Once the load drops to a certain point, discontinuous operation occurs, and the duty ratio begins to modulate to maintain regulation. In the ADP3088, the regulator goes to sleep when the integrated duty ratio measurements drop to less than half of the minimum expected integrated duty ratio. The minimum expected duty ratio occurs at the maximum input voltage and the minimum output voltage in continuous mode operation.
PWM Comparator
The ADP3088 incorporates an internal band gap reference, including curvature correction for an extremely low temperature coefficient. The reference can be disabled by grounding the COMP pin, which also turns off the bias for the rest of the chip.
Error Amplifier
The PWM comparator looks at the signal from the current sense amplifier and the error amplifier to determine the correct switch-on time to regulate the output voltage under a given load.
Soft Start Timer
The error amplifier provides a control voltage to the PWM stage to set the peak inductor current that sets the output current of the regulator. It is a gm amplifier in that its output is a current to the COMP pin.
Protection Logic
The protection logic block provides current limit and overtemperature protection. The overtemperature protection is enabled when the temperature of the chip exceeds a specified preset temperature; the switch will be disabled until the temperature drops below a specified level, then normal operation will resume. The thermal shutdown only stops switching, but it does not put the chip into power saving mode, nor does it reinitiate soft start. As the chip cools slightly, it will rapidly cycle in and out of thermal shutdown, maintaining the die temperature at 160C but allowing the output voltage and current to swing up and down.
The soft start will prevent saturating the inductor, which could cause uncontrolled overshoot of the output voltage and electrical stress to the system at startup. When first powered up, an internal soft start capacitor is discharged and the soft start circuitry provides a gradually decaying offset to the error amplifier to prevent it from saturating and from commanding the maximum switch current to charge the output capacitor. The output voltage approaches the final regulation voltage with a smooth exponential decay. This will reduce electrical stress to the system.
Output
The output stage contains the bipolar power switch and the circuits necessary to switch it on and off quickly. The pass switch is driven to the edge of saturation, and the result is a fast switching response and low switch resistance. For improved efficiency, the DRV pin may be connected to the output, provided that the input voltage is at least 1 V higher than the output. This will send the current needed to drive the bipolar switch to the output load instead of routing it to ground. For some VIN and ILOAD configurations, the DRV pin must be grounded for reliable operation.
-8-
REV. C
ADP3088
APPLICATION INFORMATION Output Voltage Setting
junction to case or ambient, as desired, to determine the internal temperature rise. If the input voltage were so much higher than the output voltage that it required an average duty ratio less than an internally preset threshold, then power savings mode (PSM)--which is characterized by periodic shutdown and wake-up of the device that reduces average quiescent current--would be active for all load conditions rather than only at lighter loads, for which it is intended. PSM operation is characterized by low frequency ripple on the output that appears similar to the behavior of a hysteretic regulator. This is usually not a factor for consideration and may be ignored if PSM operation is acceptable for all load conditions. But in case it is relevant, the following recommendation is offered:
VIN < VO + VF DPSM( MAX )
In its standard usage, the output voltage of the ADP3088 is programmed to a desired fixed value by a resistor divider from the output voltage into the feedback node, the FB pin, at which node the control loop ensures regulation at the reference level, VREF. The divider should be designed to satisfy the formula
E R VOUT = VREF A1 + A RB E
(1)
where RA is the upper divider resistor (between the output and FB) and RB is the lower one (between FB and ground). RA and RB are recommended to have values in the range of 2 kW~200 kW and are likely to require a 1% tolerance or better to attain acceptable output voltage tolerance. In less conventional applications described separately, the resistor feedback configuration can be modified or tapped with other resistors to affect current flow into the FB node that, in turn, influences the output voltage. Even a switched voltage can be summed into the FB node as long as it is sufficiently integrated and does not intolerably compromise the transient response. This latter application is considered further below, for an application for powering a DSP.
Input Voltage, Power Dissipation Considerations, and Power Savings Mode
(3)
The input voltage range is not typically considered a critical parameter for electrical functionality, but there are several considerations, upon which there is further elaboration below: 1. VIN must never exceed the maximum rated voltage. 2. VIN must be within the specified operating range when normal operation is expected. 3. VIN must be greater than VOUT by at least the specified headroom when dc regulation is expected. 4. VIN, if not sufficiently greater than VOUT, may limit the large signal transient response of a buck converter. 5. VIN, if much greater than VOUT, may give rise to such a low duty ratio that it activates power savings mode even at static higher load conditions or upon dynamic load changes when it is not desired. 6. VIN affects the device power dissipation (a lower value causes higher dissipation), which in turn affects die temperature that must be kept below a maximum rating. The lowest input voltage together with the maximum output voltage and maximum current create the conditions for the maximum power dissipation in the device, which determine the maximum temperature rise that should be checked against the maximum junction temperature rating. The formula for maximum power dissipation in the device is given by
PDMAX = VO + VF @ IO , MAX VIN IO , MAX VSW @ IO , MAX
It is not possible to prevent the duty ratio from tending toward zero in nonsynchronous buck converters below a certain minimum load current level called "borderline current" or "critical current" for the power converter. That corresponds to the inductor ripple current reaching zero at its bottom peak, sometimes called the "valley current." If PSM activation strains the lower regulation limit due to the hysteretic ripple, the output voltage can be offset slightly upward by readjusting the nominal voltage setpoint with the resistor divider. Even though a buck converter may have a low dropout voltage that allows the static regulation to be maintained as the input voltage drops near the output voltage, in buck converters, the slew rate limitation of the inductor current can compromise the dynamic regulation in response to the load current step increases. That is because the maximum rate the current can be increased to in the inductor is proportional to the voltage available to impress across it, which is compromised as the input voltage reduces toward the output voltage. This is not a limitation of the device but of buck converters in general. The limitation is considered part of the output filter design, although it could also be considered in terms of a minimum acceptable input voltage for a given output filter that will ensure that the dynamic response is acceptably maintained.
Output Filter Components
In most applications, it is desirable to use the smallest inductor value that does not introduce practical problems, since this tends to yield the lowest cost inductor. One reason for using an even larger inductor than the minimum tolerable might be to reduce the output ripple voltage further. But cost being equal, this is generally better accomplished with a better quality or proportionally larger output capacitor instead, since a larger inductor degrades the large signal transient performance capability. A conservative nominal design target value for the inductor of a typical application circuit is that which creates a peak-to-peak ripple current, DIL, for the nominal input voltage that is approximately a third of the nominal 500 mA rating of the ADP3088. The reason for not basing the ripple current on the maximum load current is concern about the protection. Scaling the ripple currents with lower load currents would yield higher inductor values that might give satisfactory operation. However, in order for overload operation up to the current limit level of the ADP3088 to be satisfactory, it would be necessary to choose an inductor
-9-
(2)
where VF is the diode forward voltage drop and VSW is the drop across the internal switch and current sensing resistor that appears between the VIN and SW pins of the ADP3088 during the on state of the switch. Both of these variables can be approximated from a combination of worst-case specifications and typical graphs. Multiply the power dissipation by the thermal resistance from
REV. C
ADP3088
rated up to that higher current, which would likely yield an unsatisfactory inductor size and cost. In any case, having chosen a target level for DIL, the recommended inductor value is given by
For a given inductor selection, the earlier formula is rearranged for convenience and skewed to the worst-case input voltage to determine the maximum inductor ripple current, DIL.
DIL( MAX ) = VIN ( MAX ) - VO - VSW VIN ( MAX ) + VF - VSW VO + VF fSW L
L=
(1 - D) ( O + VF ) V fSW DIL
(7)
(4)
where D is the duty ratio, the suffix indicating continuous inductor current, and is given by
D=
VO + VF VIN + VF - VSW
(5)
Performance degradation of the inductor, consisting of some loss of inductance or excessive power loss, may be encountered at higher ripple currents, so the ripple current figure, together with the knowledge of the expected dc current, should be checked against the specifications of the inductor. If the ESR of the output capacitor is substantial, as it is likely to be if an MLC capacitor is not used, then the ripple voltage on the output, dominated by the ESR, may be substantial and of concern for regulation specifications. The resistive component of the output voltage ripple is simply the ripple current multiplied by the ESR, and if it is more than a few millivolts, it will dominate the output capacitance in contributing to the output ripple voltage. The boundary condition of the inductor reaching the borderline current, IO(BL), can be determined by the formula
VSW and VF are assessed at full load, and fSW is the fixed switching frequency of the ADP3088. The formula suggests the calculation of L using a nominal input voltage; for applications requiring a large range of V IN, the limitations of transient response at VIN(MIN) versus the higher ripple at VIN(MAX) may warrant deeper consideration of how to optimize the design. In applications where load transients are not severe, this conservative design for L is recommended. A more aggressive minimization of L is outlined below, but a few restrictions are noted. As inductance becomes smaller, the ripple current becomes larger. If the ripple becomes particularly large or, as an additional factor, if the load is particularly dynamic, then there is an increasing possibility that the peak inductor current will reach the current limit shutdown threshold, ICL, which is not desirable. This should be avoided by restricting the minimum inductor value to keep the ripple current moderated. An alternative way to prevent excessive dynamic overshoot of the inductor current during a load transient is to reduce the dc gain of the error amplifier by adding resistive feedback; this idea is discussed below. Another important restriction of the minimum inductor value may apply. The design should ensure against possible subharmonic oscillation that can occur in all fixed frequency, current-controlled switching power supplies when switching at high duty ratios. The subharmonic oscillation phenomenon will not be explained here (there are many papers written on the subject) except to say that it is characterized by alternating high and low duty ratios, i.e., every other cycle, which produces additional ripple on the output. To prevent subharmonic oscillation, the following restriction for the minimum inductor value is recommended:
IO(BL ) =
VO + VF 2 fSW L
VIN - VO - VSW VIN + VF - VSW
(8)
Below this output current level, the inductor current will be discontinuous, and the duty ratio will be modulated to lower values by factors substantially more than the losses that cause only a small amount of the modulation in the continuous inductor current operation. PSM is initiated automatically by a proprietary technique consisting of a duty ratio amplifier with an internal time constant. As the load current drops well into the low current region and the duty ratio passes below the threshold of DPSM for a sufficient time, PSM is activated. The corresponding level of output current is given by
IO(PSM) =
V +VF -VSW VIN -VO -VSW 1 2 DPSM IN 2 VO +VF fSW L
(9)
L>
2mH V + VF (VO + VF ) O - 0.35 V VIN ( MIN )
It can be seen in the formula that this current threshold is inversely proportional to inductance, so although it is usually not a relevant concern, it is noted that an aggressively low output inductance should be avoided to keep the PSM threshold current at a desirably low level. For the user's reference, when current is below the borderline level, the duty ratio is modulated according to the formula
(6)
The value used for VIN(MIN) should be only the minimum input voltage for which normal high performance operation must be ensured. Note that the value returned for L may be negative, in which case the restriction does not apply. If the preceding formula yields a lower inductor value than the conservative recommendation given previously, as is likely for most applications, then one should consider further limitations to see how low the value can be minimized.
DD = 2 IO
VO + VF VIN + VF - VSW
fSW L VIN - VO - VSW
(10)
where the suffix indicates that the inductor current is discontinuous.
For controlling the capacitive component of the output ripple voltage, the following constraint on the minimum output capacitance should be applied:
CO >
DIL 8 fSW DVR
(11)
-10-
REV. C
ADP3088
where VR is the tolerable ripple voltage. However, this constraint is rarely relevant, since the typical capacitance requirement is driven more by dynamic response requirements than by ripple concerns. In a typical application circuit, a 10 mF capacitor produces a capacitive output voltage ripple component of only about 2 mV. 10 mF is usually sufficient for applications that do not impose particularly high frequency load transients, and imposes additional constraints that are elaborated upon in the next section.
Load Characterization
Returning to constraints for choosing the output capacitor for digital loads, another criterion for ensuring sufficient output capacitance applies.
CO > DIO
2
EdIL MIN 2DVO I dt I I
(13)
Optimization of the compensation, as well as the output filter, requires some knowledge of a fundamental characteristic of the load. Qualitatively, there are two types of loads with which we are concerned: fast slew rate and slow slew rate. These slew rates are assessed with respect to the minimum (absolute) inductor (current) slew rate, as given by
EE dI L IVIN ( MIN ) - VSW - VO V + VF and O IA (12) , MIN = < I L MAX L MAX E dt I O I where the < sign indicates a selection of whichever bracket term is lower.
If the slew rate of the load is fast compared to the minimum inductor slew rate, then the ability of the power converter to contain the output voltage deviation following a load change is limited not only by the response of the control loop, i.e., by its speed to demand zero or maximum duty ratio from the modulator, but by the power stage as well. In such a case, beginning with the recognition that output voltage deviation would be substantial even if the loop response were instantaneous, it can be shown that one can achieve better overall voltage containment by degenerating the dc loop gain. As a technical matter, it should be noted that there will always be some minimum output voltage deviation downward due to a load step even if the inductor slew is as fast as the load slew rate. During a switching cycle, the modulator latches its "decision" to turn off the switch. It cannot rescind that decision, but must instead wait for the next clock cycle to turn on the switch again and begin slewing the inductor current upward. This is only a second-order consideration. Slow slew rate loads may be referred to simply as conventional loads, since these have been the more prevalent type of load. Optimally compensating a conventional load is synonymous with small signal ac considerations; the objective is to maximize the ac gain up to the crossover frequency, ensure sufficient phase margin at the unity gain crossover frequency, and keep the gain rolling off at higher frequencies to avoid gain margin problems. Fast slew rate loads may be referred to as digital loads since, from the perspective of the power converter, they have a digital characteristic when changing between two extremes, and also because such fast slew rates tend to characterize modern digital circuits, which often feature power management interrupts, i.e., interrupt signals used to turn circuitry on and off as needed during normal system operation. Optimally compensating a digital load is more a task of impedance matching and dc gain determination than a task of ac loop optimization.
where DIO is the maximum high frequency load step. It should be noted that the formula results strictly from the physical limitation of the output filter; the compensation must also be optimized to maximize the response of the control loop to avoid substantial additional output voltage deviation. The formula might also be written to describe a maximum inductance for a given capacitance, but it is generally better practice to choose the inductor first and add capacitance as needed. The impedance of the output capacitor together with a digital load also creates some limiting considerations. Series resistance (ESR) rather than capacitance can be a dominant design consideration with non-MLC capacitors. If the load is essentially digital, then the dynamic deviation of the output voltage cannot be limited to any better than the dynamic load current step times the ESR. In a formula, DVO DIO ESR (14)
In such a case, it is often important to choose a capacitor that controls the ESR to a sufficiently small value. MLC capacitors are often chosen to practically eliminate the consideration of ESR entirely.
Closing the Loop--Compensation
The factors determining the response of the power converter include the feedback input resistor divider, a lead network if applicable, the transconductance of the error amplifier, its frequency response limitation (i.e., as adequately modeled by a capacitance from output to ground), its external termination impedance (i.e., the compensation that may or may not include dc feedback), the modulator transconductance, and the power converter's termination impedance (i.e., the output capacitor and load resistance). Since the ADP3088 has a current-controlled loop, the particular inductor value does not by first-order consideration affect small signal stability. However, slew rate limitations, as discussed earlier, a large signal limitation consideration, set boundaries that are often relevant for optimizing compensation of the feedback loop. If the compensation of the current control signal, i.e., the COMP pin, is designed to promote a current response that is faster than the inductor current can slew, then when a step load is applied, the control signal will tend to initially respond in excess (of the actual current change that is occurring) and then allow an overshoot of the current and output voltage since it is delayed in correcting its excess. For conventional loads, the following describes how the frequency corners (poles and zeros) are positioned or should be chosen to optimize the loop gain, beginning in the low frequency spectrum:
REV. C
-11-
ADP3088
1. The dc loop gain is limited by the applied load resistance and the output resistance of the error amplifier, but it is not important to determine how high the dc gain is. 2. Two poles in the low frequency spectrum begin to roll off the gain, one determined by the load resistance and output capacitor, CO, and the other by the error amplifier's output resistance and its termination capacitance, the equivalent feedback capacitance, and the added compensation capacitance CHF. Determining the location of these poles is not relevant to the compensation design. It suffices to know that both are decades below the crossover frequency. 3. A lead network is especially desirable for a variable output voltage application in order to keep a fairly constant crossover frequency and phase margin for all output voltages. If used, this lead network simply consists of a capacitor, CFF, in parallel with the upper feedback divider resistor, RA; this creates a closely spaced zero/pole pair that provides a gain boost before crossover so that, above the pole frequency, the loop gain and phase are similar for all output voltages. If the lead network is used for a fixed voltage application, the pole should be chosen to align with the following described zero; for variable voltage applications, the maximum frequency of the pole should be placed as high as is comfortable without substantially degrading the phase margin, e.g., not within an octave or, more conservatively, a half-decade of the crossover frequency. 4. A zero turns the gain roll-off back to one-pole sufficiently in advance of the crossover frequency to create ample phase margin, e.g., half a decade; the zero could feasibly be that of the output capacitor itself, i.e., the zero formed by the ESR and the capacitance, CO, but that is both unlikely (since the zero frequency will likely be higher than where the loop zero is desired) and generally imprudent (since the loop performance would depend on the stability of the ESR, which often is poor or unknown). As recommended, the zero, fZ, is created by an RC circuit terminating the COMP pin (a resistor, RC, in series with a capacitor, CC), while the capacitance terminating the error amplifier, CHF, forms a pole, fP, with RC to cancel the zero of the output capacitor. Or, if the zero is well above the crossover frequency, as may be the case when using an MLC output capacitor, that pole is set high enough above the crossover frequency, again, for example, half a decade, so that it doesn't cut substantially into the phase margin at crossover but still ensures continued gain roll-off so that the gain margin is acceptably high; note that the previous guidelines suggest that CC 10 CHF. 5. The gain crosses 0 dB (unity) at a crossover frequency that is typically a tenth and advisably not greater than a fourth of the switching frequency; one primary reason for this approximate upper limit being the extra phase margin loss due to the switching interval that is not predicted by the linear model. Assuming no lead network is used, the open-loop gain is given by where VOUT is the nominal dc level. This equation together with the preceding recommendations should suffice to determine compensation component selection for users familiar with loop design. This begins with deciding the crossover frequency, fC, evaluating the impedances at that frequency, and setting the openloop gain, AOL, to unity. By example, fC = 125 kHz is chosen. Assuming a well chosen CHF as described previously, in other words, such that it creates a pole well above crossover or approximately matches the zero of the output capacitor, the following equation approximates the calculation of the crossover frequency: fC = 1 + 50k(WA) f Z k1 21k(WA) k1 (16)
where k1 = CO VOUT/RC and fZ = 1/2p RCCC, the zero frequency set by the compensation, and the units are shown with the constants in the equation for clarification. The preceding equation cannot readily be solved in terms of k1, but it can be solved closely enough by a few iterations beginning with values for k1 around 1 109 (FA). For the example below, set the zero about a half-decade below fC as previously advised, that is, choose fZ ~ fC //10 = 40 kHz. Using the previously stated values for fZ and fC, the value of k1 = 800 p (FA) satisfies the equation. RA and RB are presumed to be already chosen per earlier guidelines to set the output voltage. As an example, RA = RB = 10 kW (implying an output voltage of 2.5 V). Similarly, it is presumed that CO was chosen; let CO = 15 mF. Then, finally, RC and then also CC can be determined by rearranging the simple formulas previously given. The example yields RC ~ 47 kW and CC ~ 82 pF. Assuming an MLC output capacitor of reasonable quality, the pole setting capacitor could be chosen to be CHF = 4.7 pF.
VIN 5V 1F MLCC
ADP3088
IN IN GND COMP CC 470pF RC 10k SW DRV GND FB
6.8 H 1A 10 F SCHOTTKY MLCC
VOUT 1.5V RA 10k
CHF 4.7pF
RB 48.7k
Figure 2. 5 V to 1.5 V, General-Purpose Application
AOL
EV 600mA 2 ZCOMP ZO EW VOUT
(15)
Another application circuit features a voltage inversion and regulation design such that the output voltage is negative (see Figure 3). Negative output voltages are allowed when the input plus the output voltage does not exceed the rating of the device. In the voltage inverting configuration, the ground reference of the ADP3088 is the negative output voltage, and the conventional output voltage point is tied to ground. Operation is bootstrapped; the power converter behaves as if the input voltage were equal to the actual input voltage plus the magnitude of the output voltage and as if the output voltage were not inverted. This implies that it is possible to have the input voltage be less than the magnitude of the output voltage, provided that the input voltage alone is sufficient to start the operation of the IC, i.e., before the negative
-12-
REV. C
ADP3088
output voltage has been developed. (The circuit in Figure 3 with a -3.3 V output works well over an input range from 2.5 V to 7.5 V.) Since the ADP3088 features a current-controlled loop, the feedback effect of essentially boosting the input voltage atop the output (with respect to the ground connection of the ADP3088) is reduced to a negligible second-order effect.
ADP3088
IN IN 1F MLCC CHF 4.7pF GND COMP CC 220pF RC 20k SW DRV GND FB 4.7 H 1A 10 F SCHOTTKY MLCC
higher than VREF, which would result in a slight downward shift of the nominal output voltage. Having chosen this design approach, the series RC of the compensation network can be removed, and the single remaining capacitor, CHF, should be increased to approximately
CHF =
+ RA 10k + RB 6.04k VOUT - 3.3V
VIN 5V
CO ESR RFB
(18)
If an MLC capacitor is used for CO, the value of CHF might be calculated to be less than a few picofarads, in which case it is recommended to use a 4.7 pF~10 pF capacitor. The formula is derived from a patented design technique called ADOPT(R), Analog Devices' Optimal Positioning Technology. This creates ac and dc impedance matching, and the increased complexity of the dc regulation design is moderated by the simplicity of the frequency compensation. In this design approach, at higher currents the output voltage will be appreciably lower than at the lower currents. This is equivalent to saying that the load regulation appears to be poor. But, paradoxically perhaps to the user unfamiliar with voltage positioning, the overall containment of the voltage within a given window will be improved, and that tends to be of particular importance in many highly dynamic loads. The application circuit in Figure 4 features a 3.3 V input and a 2.5 V output at 100 mA~400 mA, which constrains the output voltage within a ~100 mV range with only a 4.7 mF output capacitor, even when the load slew rate is extremely fast. This does not include the initial tolerance of the voltage setting that is separately accounted with voltage positioning designs. Note that the lower resistor, RB, of the feedback divider is reduced from the 10 kW value that one would use for a standard (nonvoltage-positioned) design that had no voltage positioning resistor RVP.
VIN 3.3V 1F MLCC CHF 4.7pF
Figure 3. +5 V to -3.3 V, General-Purpose Inverting Application
Voltage Positioning Designs
For digital loads, a different compensation technique is recommended that involves implementing "voltage positioning," which is now commonly used on CPUs but is equally applicable to any dynamic device. Voltage positioning is the intentional and controlled variation of the output voltage with the load current, such that the power supply appears to have a substantial output resistance. The key to voltage positioning optimization for a digital load is to degenerate the loop gain just enough so that the static load regulation allows a similar voltage deviation with the current as would be the peak voltage deviation, VO, that could not be avoided in the event that a step change of the current were to occur even if the loop response were instantaneous. The reason for even an instantaneous response in the control loop allowing an output voltage deviation is that the slew rate of the current in the output is limited by the inductor, and a corresponding dynamic burden is placed on the output capacitor to maintain the output voltage. Therefore, inductor value minimization is desired both for concern over its size and cost and also to maximize the slew rate of the current to the output so that a smaller output capacitor is needed. To implement voltage positioning, a resistor, RVP, should be placed between the COMP and FB pins according to the formula
ADP3088
IN IN GND COMP SW DRV GND FB
3.3 H 1A 4.7 F SCHOTTKY MLCC RA 10k
VOUT 2.5V 100 mA- 400 mA
RB 8.75k RVP 51k
RVP =
DIO RA g MOD DVO
(17)
Figure 4. Application Circuit Using Voltage Positioning, Allowing Small Output Capacitance
Extra-Low Voltage Outputs
where gMOD is the modulator gain and IO must be assessed over the entire operating load range as the difference between the maximum and minimum load. CO must be chosen at least large enough to support the targeted VO according to the previous formula governing the relationship among the minimum output capacitance, voltage deviation, and load current. In order to ensure that the output voltage will be constrained within the limitations of VO, the limitations noted earlier for PSM hysteretic ripple are applicable in the operating load range and ESR. Also, an experimental adjustment downward to the value of RB may be needed, since the dc bias point of the COMP node is usually a little
Some newer power management applications require voltage levels below the normal adjustable voltage range of the ADP3088, i.e., below 1.25 V. Such applications can be accommodated using the ADP3088 by modifying the application circuit to sum in a resistor-weighted portion of another regulated system voltage, e.g., 3.3 V, to the feedback node (FB). The tolerance of the ADP3088's output voltage will increase by an amount proportional to the tolerance of the summed in-system voltage times the ratio of the conductance from that node to that of the output voltage. The example in Figure 5 shows an implementation of this technique together with another special implementation described in the following section. The resistor RTT sums from a
REV. C
-13-
ADP3088
2.5 V system voltage to the FB node that will reduce the output voltage according to the formula
DVOUT = ( REF -VTT ) V
Dynamic Voltage Control
RA RTT
(19)
Some newer power management applications also require an ability to adjust the voltage being delivered to a load during operation. Although there is no integration of this feature in the ADP3088, it can readily be accommodated with a few components. Dynamic voltage control can be implemented either by parallel bus control or by PWM. In both cases, the output voltage is modified by summing either switched bits with, presumably binary, weighting resistors or a switched PWM node via a single resistor into the FB pin. (The switched PWM node refers to an external PWM control signal, not the switched node of the power converter itself.) Since the PWM technique modulates a current into the FB node, it is necessary both to integrate that signal and to avoid slowing down the response of the power converter to the output voltage transitions. This can be accomplished by placing a capacitor between the output voltage and the feedback node, which serves to provide a zero/pole pair in the main regulation loop and appears as an integration pole to the PWM signal.
The design of either parallel bit or PWM type of voltage control must consider whether the interface node(s), from parallel switched bits or a single PWM signal, has an active pull-up state (in which case it must be to a known voltage) or a passive pull-up (open drain) that floats up to the FB node voltage, 1.25 V, in its high state. If at least the lower extreme of the desired output voltage range must be lower than 1.25 V, either technique can be combined with the technique for lowering the output voltage below 1.25 V. Such an example of an application having this requirement is the Blackfin(R) DSP. Figure 5 shows an implementation of this technique. Input Voltage: 4.75 V ~ 7.5 V Output Voltage: 0.9 V ~ 1.5 V Dynamic voltage control interface technique: PWM, active high to VIO System voltage used for lowering output voltage below 1.25 V: VTT = VIO = 2.5 V Maximum output current: 700 mA
ADP3088
VIN ~5V TO 8V 2.2 F MLCC CHF 10pF CC 470pF RC 20k IN IN GND COMP SW DRV GND FB
10 H@1A 1N5817 3 10 F MLCC
VOUT 0.9V TO 1.5V @700 mA
CFF 2.2nF
RA 10.0k RTT 287k RPWM 41.2k VTT 2.5V PWM 0V TO 2.5V
Figure 5. Blackfin DSP Application
-14-
REV. C
ADP3088
OUTLINE DIMENSIONS 8-Lead Mini Small Outline Package [MSOP] (RM-8)
Dimensions shown in millimeters
3.00 BSC
8
5
3.00 BSC
1 4
4.90 BSC
PIN 1 0.65 BSC 0.15 0.00 0.38 0.22 COPLANARITY 0.10 1.10 MAX 8 0 0.80 0.60 0.40
0.23 0.08 SEATING PLANE
COMPLIANT TO JEDEC STANDARDS MO-187AA
REV. C
-15-
ADP3088 Revision History
Location 1/04--Data Sheet changed from REV. B to REV. C. Page
Changes to TPC 5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Changes to Equation 9 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Changes to Equation 17 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Changes to Equation 19 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
4/03--Data Sheet changed from REV. A to REV. B.
Equation 1 edited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
10/02--Data Sheet changed from REV. 0 to REV. A.
Equation 6 edited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Equation 16 edited . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Updated OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
-16-
REV. C
C02832-0-1/04(C)
Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of ADP3088ARM-REEL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X